Part Number Hot Search : 
APL58 RD100 MPS6565 1N4101C 03100 HE3C572 74HC24 CY3610J
Product Description
Full Text Search
 

To Download GBI10A07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBI10A ... GBI10M
GBI10A ... GBI10M
Silicon-Bridge-Rectifiers Silizium-Bruckengleichrichter Version 2006-01-04
4.8
0.2
30
0.2
0.2
Nominal current Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause
10 A 50...1000 V 30 x 3.6 x 18 [mm] 7g
3.8
Type Typ
0.2
20
+
2.2 1.0 10
~
~
4
-
0.2
11
0.2
3.1
17.50.2
0.2
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging bulk Standard Lieferform lose im Karton
2x7.5
0.8
Dimensions - Mae [mm]
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings Type Typ GBI10A GBI10B GBI10D GBI10G GBI10J GBI10K GBI10M Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Admissible torque for mounting Zulassiges Anzugsdrehmoment M3 Max. alternating input voltage Max. Eingangswechselspannung VVRMS [V] 35 70 140 280 420 560 700 f > 15 Hz TA = 25C TA = 25C
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 50 100 200 400 600 800 1000 IFRM IFSM i2t 40 A 2) 180/200 A 160 A2s -50...+150C -50...+150C 5 10% lb.in. 0.5 10% Nm
Tj TS
1 2
Valid for one branch - Gultig fur einen Bruckenzweig Valid, if leads are kept to ambient temperature TA = 50C at a distance of 5 mm from case Gultig, wenn die Anschlussdrahte in 5 mm vom Gehause auf Umgebungstemperatur TA = 50C gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
GBI10A ... GBI10M Characteristics Max. rectified current without cooling fin Dauergrenzstrom ohne Kuhlblech Max. rectified current with forced cooling Dauergrenzstrom mit forcierter Kuhlung Forward voltage - Durchlass-Spannung Leakage current - Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause TA = 50C TC = 100C Tj = 25C Tj = 25C R-load C-load R-load C-load IF = 5 A VR = VRRM IFAV IFAV IFAV IFAV VF IR RthJA RthJC Kennwerte 3.0 A 1) 2.4 A 1) 10.0 A 8.0 A < 1.1 V 2) < 10 A < 22 K/W 1) < 2.2 K/W
Type Typ GBI10A GBI10B GBI10D GBI10G GBI10J GBI10K GBI10M
Max. admissible load capacitor Max. zulassiger Ladekondensator CL [F] 20000 10000 5000 2500 1500 1000 800
Min. required protective resistor Min. erforderl. Schutzwiderstand RL [] 0.25 0.5 1.0 2.0 3.0 4.0 5.5
120 [%] 100
103 [A] 102
80 10
Tj = 125C
60
40 1 20 IFAV 0 0 TC 50 100 150 [C] IF 10
-1
Tj = 25C
225a-(5a-1.1v)
0.4
VF
0.8
1.0
1.2
1.4
[V] 1.8
Rated forward current vs. temp. of the case Zul. Richtstrom in Abh. v. d. Gehausetemperatur
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1 2
Valid, if leads are kept to ambient temperature at a distance of 5 mm from case Gultig, wenn die Anschlussdrahte in 5 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden Valid for one branch - Gultig fur einen Bruckenzweig http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of GBI10A07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X